PART |
Description |
Maker |
IDT72V201L20J IDT72V201L20JI IDT72V211L20J IDT72V2 |
512 x 9 SyncFIFO, 3.3V 3.3 VOLT CMOS SyncFIFO 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 3.3 VOLT CMOS SyncFIFO⑩ 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 GT 11C 11#16 SKT RECP BOX RM 3.3 VOLT CMOS SyncFIFO 256 x 9/ 512 x 9/ 1/024 x 9/ 2/048 x 9/ 4/096 x 9 and 8/192 x 9 3.3 VOLT CMOS SyncFIFO256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 3.3伏的CMOS SyncFIFO56 × 912 × 9,024 × 9,048 × 9,096 × 9,192 × 9 GT 6C 3#4 3#16 SKT RECP WALL 1K X 9 OTHER FIFO, 6.5 ns, PQCC32 GT 7C 7#16S PIN RECP 3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9 GT 8C 8#16 SKT RECP WALL GT 3C 3#16S PIN RECP WALL GT 4C 4#12 PIN PLUG 3.3 VOLT CMOS SyncFIFO?256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
IDT72421 IDT72201L10JI IDT72201L10PFI IDT72201L15J |
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9 的CMOS SyncFIFOO 64 × 956 × 912 × 9024 × 9048 × 9096 × 9 Dual High Output Current Operational Amplifier 8-TSSOP -40 to 85 SerDes 22-Bit Bi-Directional Serializer/Deserializer; Package: MLP; No of Pins: 40; Container: Tape & Reel 8K x 9 SyncFIFO, 5.0V 2K x9 SyncFIFO, 5.0V 4K x 9 SyncFIFO, 5.0V 512 x 9 SyncFIFO, 5.0V 256 x 9 SyncFIFO, 5.0V
|
Integrated Device Techn... Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC IDT
|
IDT72V205L15TF IDT72V225L15TF IDT72V235L15TF |
3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
|
Integrated Device Techn...
|
IDT72221L20LB IDT72201L50LB IDT72201L15L |
CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9 1K X 9 OTHER FIFO, 12 ns, CQCC32 CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9 256 X 9 OTHER FIFO, 25 ns, CQCC32
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
72V241L10PFGI 72V241L10JGI8 72V241L10PFGI8 72V251L |
3.3 VOLT CMOS SyncFIFO
|
Integrated Device Techn...
|
72V3631L15PFG8 72V3641L15PFG8 |
3.3 VOLT CMOS SyncFIFO
|
Integrated Device Techn...
|
IDT72V36106 |
3.3 VOLT CMOS TRIPLE BUS SyncFIFO?
|
IDT
|
IDT72V3656 |
3.3 VOLT CMOS TRIPLE BUS SyncFIFO?
|
IDT
|
IDT72V8980 IDT72V8980DB IDT72V8980J IDT72V8980PV I |
From old datasheet system 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 256 x 256 TSI, 8 I/O at 2Mbps, Variable Delay, 3.3V
|
Integrated Device Technology IDT
|
S29PL127N65GAWW02 S29PL127N65GAW003 S29PL127N65GAI |
256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 8M X 16 FLASH 3V PROM, 65 ns, PBGA64 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 256/128/128字节6/8/8 M中的x 16位).0伏的CMOS只同步读/写,页模式闪 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 8M X 16 FLASH 3V PROM, 70 ns, PBGA64 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 16M X 16 FLASH 3V PROM, 70 ns, PBGA84 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 16M X 16 FLASH 3V PROM, 65 ns, PBGA84
|
Spansion, Inc. Spansion Inc. SPANSION LLC
|
IDT723643 |
256 x 36 SyncFIFO, 5.0V
|
Integrated Device Technology, Inc.
|
28F256 AM28F256-150JIB AM28F256-120FEB AM28F256-70 |
256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt / Bulk Erase Flash Memory with Embedded Algorithms 256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory
|
Advanced Micro Devices
|
|